Part Number Hot Search : 
K3481DB LT1803 251005B TA7808F 4746AP FR100 2SD1368 TAT40013
Product Description
Full Text Search
 

To Download MP150505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
MP1505 THRU MP1510
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
FEATURES
* * * * Superior thermal desing 300 amperes surge rating // 1/4 universal faston terminal Hole thru for # 10 screw
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
MP-15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MP-15W
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at Tc = 55 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (from junction to case) Typical Thermal Resistance (from junction to ambient Operating and Storage Temperature Range R JC RJA TJ,TSTG 2
0 o
SYMBOL VRRM VRMS VDC IO IFSM
MP1505 50 35 50
MP151 100 70 100
MP152 200 140 200
MP154 400 280 400 15.0 300
MP156 600 420 600
MP158 800 560 800
MP1510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps
C/W
0
19 -55 to + 150 C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 7.5A DC Maximum Reverse Current at Rated DC Blocking Voltage per element NOTE: 1. Suffix "W" for wire type 2. "Fully ROHS compliant","100% Sn plating(Pb-free). @TA = 25 C @TC = 100 o C
o
SYMBOL VF IR
MP1505
MP151
MP152
MP154 1.1 5.0 0.5
MP156
MP158
MP1510 UNITS Volts uAmps mAmps 2005-3 REV: A
RATING AND CHARACTERISTIC CURVES ( MP1505 THRU MP1510 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
500
8.3ms Single Half Sine-Wave (JEDEC Method)
25 20
400
300
15
200
10
60 Hz RESISTIVE OR INDUCTIVE LOAD
100 0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
5 0 0
50 100 CASE TEMPERATURE, (
150 )
175
CHARACTERISTICS 100
INSTANTANEOUS REVERSE CURRENT, (uA)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10
10
1.0
TJ = 25
1.0
TJ = 25 Pulse Width = 300us 1% Duty Cycle
.1
.1
.01 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V)
Max. .311 (7.9) .480 (12.2) .425 (10.8)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
MAX. .311 (7.9)
.043 (1.1) .039 (1.0)
MIN. .787 (20.0)
1.142 (29) 1.102 (28) .673 (17.1) .634 (16.1)
Hole for # 10 screw Min f.200 (5.08)
1.142 (29) 1.102 (28)
Hole for # 10 screw Min .200 (5.08)
.732 (18.6)
.693 (17.6)
.732 (18.6) .693 (17.6)
1.142 (29) 1.102 (28)
.673 (17.1)
.634 (16.1)
.583 (14.8) .543 (13.8)
.32 x .252 (0.81 x 6.35)
.732 (18.6) .693 (17.6)
MP-15
MP-15W
RECTRON
.469 (11.9) .429 (10.9)
.142 (29.0) .102 (28.0)


▲Up To Search▲   

 
Price & Availability of MP150505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X